Part Number Hot Search : 
PIC33FJ UPD6376 TB0411A 76L05 ZMM47 FU220N 74HC2451 APT30
Product Description
Full Text Search
 

To Download GW1V100KC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR
FEATURES

GW Series
Wide temperature range series with 5mm height Load life of 1000 hours at 105C
OUTLINE
mm D F d 4 1.5 5 2.0 0.45 6.3 2.5
SPECIFICATIONS
Items Capacitance Tolerance (120Hz, 25C) Rated Working Voltage Range Operation Temperature Characteristics 20% (M) 4 ~ 50Vdc -40C ~ +105C (After 3 minutes applying the DC working voltage) Leakage Current (25C)
I 0.01CV or 3 (u A) I : Leakage Current (u A) W.V. 4 5 4 0.37 4 6 12
C : Rated Capacitance (u F) 6.3 8 6.3 0.28 6.3 3 8 10 13 10 0.24 10 3 5 16 20 16 0.20 16 2 4
V : Working Voltage (V) 25 32 25 0.16 25 2 3 35 44 35 0.14 35 2 3 50 63 50 0.12 50 2 3
Surge Voltage (25C) S.V. W.V. Dissipation Factor (120Hz, 25C) tan W.V. - 25C / + 25C Temperature Characteristics - 40C / + 25C
Impedance ratio at 120Hz
After 1000 hours application of WV at +105C, the capacitor shall meet the following limits: Capacitance Change Load Test tan Leakage Current 25% of initial value 200% of initial specified value initial specified value
After 500 hours, no voltage applied at +105C, the capacitor shall meet the following limits: Capacitance Change Shelf Test tan Leakage Current 25% of initial value 200% of initial specified value 200% of initial specified value
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
DIMENSIONS
WV uF 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 4x5 5x5 5x5 6.3 x 5 4x5 5x5 5x5 6.3 x 5 ] 5x5 5x5 6.3 x 5 ] 4x5 5x5 6.3 x 5 6.3 x 5 ] ] 4x5 5x5 6.3 x 5 6.3 x 5 4 6.3 10 16 25 35 ] ] ] ] ] 4x5 4x5 4x5 5x5 6.3 x 5
D x L (mm)
50 3x5 3x5 3x5 4x5 4x5 4x5 4x5 5x5 6.3 x 5
PERMISSIBLE RIPPLE CURRENT
WV uF 0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 20 29 33 57 20 30 38 63 ] 27 35 48 ] 17 31 40 50 ] ] 14 23 37 46 4 6.3 10 16 25
mA (rms) at 120Hz 105C
35 ] ] ] ] ] 10 13 16 26 44 50 1 2 3 5 6 12 14 19 30
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


▲Up To Search▲   

 
Price & Availability of GW1V100KC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X